PART |
Description |
Maker |
2SK3458 |
Low gate charge QG = 25 nC TYP. (VDD = 450 V, VGS = 10 V, ID = 6.0 A)
|
TY Semiconductor Co., Ltd
|
2SK3305 |
Low gate charge QG = 13 nC TYP. (VDD = 400V, VGS = 10 V, ID = 5.0A)
|
TY Semiconductor Co., L...
|
STS12NH3LL |
N-CHANNEL 30V - 0.008 Ohm - 12A SO-8 ULTRA LOW GATE CHARGE STripFET MOSFET N-CHANNEL 30 V - 0.008 ?- 12 A SO-8 ULTRA LOW GATE CHARGE STripFET MOSFET N-CHANNEL PowerMESH MOSFET N-CHANNEL 30 V - 0.008 з - 12 A SO-8 ULTRA LOW GATE CHARGE STripFET⑩ MOSFET N-CHANNEL 30 V - 0.008 з - 12 A SO-8 ULTRA LOW GATE CHARGE STripFETMOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
AP2622GY-HF-14 |
Low Gate Charge Low Gate Charge, Small Package Outline, Surface Mount Package
|
Advanced Power Electron...
|
STP9N65M2 STD9N65M2 STF9N65M2 |
Extremely low gate charge N-channel 650 V, 0.79 Ohm typ., 5 A MDmesh M2 Power MOSFET in TO-220FP package N-channel 650 V, 0.79 Ohm typ., 5 A MDmesh M2 Power MOSFET in DPAK package N-channel 650 V, 0.79 Ohm typ., 5 A MDmesh M2 Power MOSFET in TO-220 package
|
STMicroelectronics ST Microelectronics
|
STB40NF10L 7743 |
N-CHANNEL 100V - 0.028ohm - 40A D2PAK LOW GATE CHARGE STripFET POWER MOSFET N-CHANNEL 100V 0.028 OHM 40A D2PAK LOW GATE CHARGE STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 100V - 0.028ohm - 40A D2PAK LOW GATE CHARGE STripFET⑩ POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STL50NH3LL07 STL50NH3LL |
N-channel 30 V - 0.011 Ω - 13 A - PowerFLAT (6x5) ultra low gate charge STripFET Power MOSFET N-channel 30 V - 0.011 ヘ - 13 A - PowerFLAT⑩ (6x5) ultra low gate charge STripFET⑩ Power MOSFET
|
STMicroelectronics
|
P40NF10L 8916 STP40NF10L |
N-CHANNEL 100V - 0.028 OHM - 40A TO-220 LOW GATE CHARGE STRIPFET POWER MOSFET N-CHANNEL 100V - 0.028 OHM - 40A TO-220 LOW GATE CHARGE STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 100V - 0.028ohm - 40A TO-220 LOW GATE CHARGE STripFET POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STP30NM30N |
N-channel 300V - 0.078Ω - 30A - TO-220 Ultra low gate charge MDmesh II Power MOSFET N-channel 300V - 0.078ヘ - 30A - TO-220 Ultra low gate charge MDmesh⑩ II Power MOSFET
|
STMicroelectronics
|